Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAMS/NAMJ Datasheet(PDF) 53 Page - ELAN Microelectronics Corp

Part # EM78F651NAMS/NAMJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAMS/NAMJ Datasheet(HTML) 53 Page - ELAN Microelectronics Corp

Back Button EM78F651NAMS/NAMJ Datasheet HTML 49Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 50Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 51Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 52Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 53Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 54Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 55Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 56Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 57Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
EM78F651N
8-Bit Microcontroller
Product Specification (V1.1) 10.20.2006
• 49
(This specification is subject to change without further notice)
8
Absolute Maximum Ratings
EM78F651N
Items
Rating
Temperature under bias
0
°C to 70°C
Storage temperature
-65
°C to 150°C
Working voltage
2.2 to 5.5V
Working frequency
DC to 20MHz
*
Input voltage
Vss-0.3V to Vdd+0.5V
Output voltage
Vss-0.3V to Vdd+0.5V
Note: These parameters are theoretical values and have not been tested.
9
DC Electrical Characteristic
Ta=25
°C, VDD=5.0V±5%, VSS=0V
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Crystal: VDD to 3V
DC
10
14
MHz
Crystal: VDD to 5V
Two cycles with two clocks
DC
20
24
MHz
ERC: VDD to 5V
R: 5.1K
Ω, C: 100 pF
F
±30%
830
F
±30%
kHz
Fxt
IRC: VDD to 5 V
4MHz, 1MHz, 455kHz,
8MHz
F
±30%
F
F
±30%
Hz
IIL
Input Leakage Current for input pins VIN = VDD, VSS
−
−
±1
µA
IRC1
IRC: VDD to 5V
RCM0:RCM1=0:0
2.9
4
5.7
MHz
IRCE
Internal RC oscillator error per stage
±4.3
±4.5
±4.7
%
IRC2
IRC: VDD to 5V
RCM0:RCM1=1:0
11.6
16
22
MHz
IRC3
IRC: VDD to 5V
RCM0:RCM1=0:1
2.5
3.58
5.15
MHz
IRC4
IRC: VDD to 5V
RCM0:RCM1=1:1
330
455
645
kHz
VIHRC
Input High Threshold Voltage
(Schmitt Trigger)
OSCI in RC mode
3.9
4
4.1
V
IERC1
Sink current
VI from low to high, VI=5V
21
22
23
mA
VILRC
Input Low Threshold Voltage
(Schmitt Trigger)
OSCI in RC mode
1.7
1.8
1.9
V
IERC2
Sink current
VI from high to low, VI=2V
16
17
18
mA
IIL
Input Leakage Current for input pins VIN = VDD, VSS
-1
0
1
µA
VIH1
Input High Voltage (Schmitt Trigger) Ports 5, 6, 7
0.75Vdd
−
Vdd+0.3V
V
VIL1
Input Low Voltage (Schmitt Trigger)
Ports 5, 6, 7
-0.3V
−
0.25Vdd
V
VIHT1
Input High Threshold Voltage
(Schmitt Trigger)
/RESET
0.75Vdd
−
Vdd+0.3V
V
VILT1
Input Low Threshold Voltage
(Schmitt Trigger)
/RESET
-0.3V
−
0.25Vdd
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com