Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAMS/NAMJ Datasheet(PDF) 20 Page - ELAN Microelectronics Corp

Part # EM78F651NAMS/NAMJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAMS/NAMJ Datasheet(HTML) 20 Page - ELAN Microelectronics Corp

Back Button EM78F651NAMS/NAMJ Datasheet HTML 16Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 17Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 18Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 19Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 20Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 21Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 22Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 23Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 24Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
EM78F651N
8-Bit Microcontroller
16
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
6.2.7 IOCD (Pull-high Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
/PH7
/PH6
/PH5
/PH4
/PH3
/PH2
/PH1
/PH0
Bit 7 (/PH7): Control bit used to enable the P67 pull-high pin.
0 : Enable internal pull-high
1 : Disable internal pull-high
Bit 6 (/PH6): Control bit used to enable the P66 pull-high pin
Bit 5 (/PH5): Control bit used to enable the P65 pull-high pin
Bit 4 (/PH4): Control bit used to enable the P64 pull-high pin
Bit 3 (/PH3): Control bit used to enable the P63 pull-high pin
Bit 2 (/PH2): Control bit used to enable the P62 pull-high pin
Bit 1 (/PH1): Control bit used to enable the P61 pull-high pin
Bit 0 (/PH0): Control bit used to enable the P60 pull-high pin
The IOCD Register is both readable and writable.
6.2.8 IOCF (Interrupt Mask Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LVDIE
-
-
-
-
EXIE
ICIE
TCIE
Bit 7 (LVDIE): LVDIF interrupt enable bit
0 : disable LVDIF interrupt
1 : enable LVDIF interrupt
Bits 6~3:
Not used, set to “0” at all time
Bit 2 (EXIE): EXIF interrupt enable bit
0 : disable EXIF interrupt
1 : enable EXIF interrupt
Bit 1 (ICIE): ICIF interrupt enable bit
0 : disable ICIF interrupt
1 : enable ICIF interrupt
Bit 0 (TCIE): TCIF interrupt enable bit
0 : disable TCIF interrupt
1 : enable TCIF interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com