Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAMS/NAMJ Datasheet(PDF) 26 Page - ELAN Microelectronics Corp

Part # EM78F651NAMS/NAMJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAMS/NAMJ Datasheet(HTML) 26 Page - ELAN Microelectronics Corp

Back Button EM78F651NAMS/NAMJ Datasheet HTML 22Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 23Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 24Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 25Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 26Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 27Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 28Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 29Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 30Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
EM78F651N
8-Bit Microcontroller
22
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
When power is switched on, the upper three bits of R3 are cleared.
The bits of the RB, RC, RD, RD, RE registers are set to their previous status.
The bits of the CONT register are set to all "1" except for Bit 6 (INT flag).
The bits of the IOCA register are set to all "1".
The bits of the IOCB register are set to all "1".
The IOCC register is cleared.
The bits of the IOCD register are set to all "1".
Bit 7 of the IOCE register is set to "1", and Bits 4 and 6 are cleared.
Bits 0~2 of RF and Bits 0~2 of IOCF register are cleared.
Sleep (power down) mode is asserted by executing the “SLEP” instruction. While
entering sleep mode, WDT (if enabled) is cleared but keeps on running. After a wake-
up, in RC mode the wake-up time is 34 clocks, High crystal mode wake-up time is 2 ms
and 32 clocks. In low crystal mode, wake-up time is 500 ms. The controller can be
awakened by:
(1) External reset input on /RESET pin
(2) WDT time-out (if enabled), or
(3) Port 6 input status changes (if enabled)
The first two cases will cause the EM78F651N to reset. The T and P flags of R3 can
be used to determine the source of the reset (wake-up). The third case must set RA
bit6, the 1 bit decide what’s wake-up source to wake-up EM78F651N. Before SLEP
instruction, enable the IOCF.1, the third case is considered the continuation of
program execution and the global interrupt ("ENI" or "DISI" being executed) decides
whether or not the controller branches to the interrupt vector following wake-up. If
ENI is executed before SLEP, the instruction will begin to execute from the address
006H after wake-up. If DISI is executed before SLEP, the operation will restart from
the succeeding instruction right next to SLEP after wake-up. In IOCF.1 disable
before SLEP instruction, after wake-up EM78F651N will restart and execute next
instruction sequentially.
In Case 2, can be enabled before entering the sleep mode and Case 3, must be
disabled. That is,
[a] if Port 6 Input Status Change Interrupt and External interrupt(/INT) are enabled
before SLEP, WDT must be disabled by software. However, the WDT bit in the
option register remains enabled. Hence, the EM78F651N, can be awakened only
by Case 1 or 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com