Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78F651NAMS/NAMJ Datasheet(PDF) 18 Page - ELAN Microelectronics Corp

Part # EM78F651NAMS/NAMJ
Description  8-Bit Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78F651NAMS/NAMJ Datasheet(HTML) 18 Page - ELAN Microelectronics Corp

Back Button EM78F651NAMS/NAMJ Datasheet HTML 14Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 15Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 16Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 17Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 18Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 19Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 20Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 21Page - ELAN Microelectronics Corp EM78F651NAMS/NAMJ Datasheet HTML 22Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
EM78F651N
8-Bit Microcontroller
14
•
Product Specification (V1.1) 10.20.2006
(This specification is subject to change without further notice)
6.2.3 IOC5 ~ IOC7 (I/O Port Control Register)
A value of "1" sets the relative I/O pin into high impedance, while "0" defines the
relative I/O pin as output.
Only Bits 4, 5 of R5 are available (EM78F651NA)
Only Bits 0, 3, 4, 5 of IOC5 can be defined (EM78F651NB)
Only the lower 6 bits of IOC5 can be defined (EM78F651NC)
Only Bit 0 of IOC7 is available, when P7.0 is set as output, a pull-high resistor must
be tied to Vdd, since this is an internal open-drain circuit.
IOC5 and IOC7 registers are both readable and writable.
6.2.4 IOCA (WDT Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WDTE
EIS
-
-
PSWE
PSW2
PSW1
PSW0
Bit 7 (WDTE) Control bit used to enable the Watchdog timer
0 : Disable WDT
1 : Enable WDT
WDTE is both readable and writable.
Bit 6 (EIS):
Control bit used to define the function of P60 (/INT) pin
0 : P60, bidirectional I/O pin
1 : /INT, external interrupt pin. In this case, the I/O control bit of P60
(Bit 0 of IOC6) must be set to "1".
When EIS is "0", the path of /INT is masked. When EIS is "1", the
status of /INT pin can also be read by way of reading Port 6 (R6).
Refer to Fig 6-5 (a).
EIS is both readable and writable.
Bits 5~4:
Not used, set to “0” at all time
Bit 3 (PSWE): Prescaler enable bit for WDT
0 : prescaler disable bit, WDT rate is 1:1
1 : prescaler enable bit, WDT rate is set as Bit 0~Bit 2
Bit 2 (PSW2) ~ Bit 0 (PSW0): WDT prescaler bits
PSW2
PSW1
PSW0
WDT Rate
0
0
0
1:2
0
0
1
1:4
0
1
0
1:8
0
1
1
1:16
1
0
0
1:32
1
0
1
1:64
1
1
0
1:128
1
1
1
1:256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com