Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS360 Datasheet(PDF) 39 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 39 Page - Clarke International

Back Button DLS360 Datasheet HTML 32Page - Clarke International DLS360 Datasheet HTML 33Page - Clarke International DLS360 Datasheet HTML 34Page - Clarke International DLS360 Datasheet HTML 35Page - Clarke International DLS360 Datasheet HTML 36Page - Clarke International DLS360 Datasheet HTML 37Page - Clarke International DLS360 Datasheet HTML 38Page - Clarke International DLS360 Datasheet HTML 39Page - Clarke International DLS360 Datasheet HTML 40Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
39
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
1
Pump
21 Screw Nut
2
Bolt
22 Plain Washer
3
Pressure Gauge
(Not Fitted on This Model)
23 Frame Body
4
Key
24 Axle
5
Anti Vibration Holder
25 Wheel Fix Lock Nut
6
Plain Washer
26 Plain Washer
7
Spring Washer
27 Battery
8
Bolt
28 Case
9
Rubber Feet (Pump)
29 Bolt
10 Plain Washer
30 Spring Washer
11 Spring Washer
31 Plain Washer
12 Screw Nut
32 Grommet
13 Plain Washer
33 Frame Face Plate
14 Screw Nut
34 Key Start
15 Rubber Feet (Engine)
35 Wand/Lance
16 Engine
36 Gun
17 Handle
37 Wheel
18 Handwheel Bolt
38 High Pressure Hose
19 Plain Washer
20 Hose & Lance Storage Bracket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com