Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS360 Datasheet(PDF) 10 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 10 Page - Clarke International

Back Button DLS360 Datasheet HTML 6Page - Clarke International DLS360 Datasheet HTML 7Page - Clarke International DLS360 Datasheet HTML 8Page - Clarke International DLS360 Datasheet HTML 9Page - Clarke International DLS360 Datasheet HTML 10Page - Clarke International DLS360 Datasheet HTML 11Page - Clarke International DLS360 Datasheet HTML 12Page - Clarke International DLS360 Datasheet HTML 13Page - Clarke International DLS360 Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL TECHNOLOGY
• PSI: Pounds per square inch - Common unit measure used for water pressure,
air pressure, hydraulic pressure and pounds of force.
• LPM: Litres per minute - common unit measure used for flow rate of water.
• Bypass Mode: In bypass mode, the high pressure pump recirculates water
because the spray gun trigger has not been pressed.
DIESEL ENGINE
1. Air Filter: The air filter prevents airborne contaminants from entering the engine.
2. Fuel Tank: The fuel tank is a reservoir that holds the diesel fuel.
3. Start Motor: It is powered by the battery and engages the flywheel in motion to
start the engine.
4. Fuel Switch: To turn ‘ON’ or ‘OFF’ the fuel supply to the injection pump.
5. Recoil Starter: Use for starting the engine manually.
6. Decompression Lever: This helps to start the engine by reducing the effort needed
to pull the recoil starter handle.
HIGH PRESSURE WATER PUMP
1. Pump Model & Serial Number: It contains the year, month and day of production,
and can track the batch of materials, assembler and tester. Please provide the
serial no. along with the pump model and version when ordering spare parts and
reporting any issues of concern.
2. Pressure Adjusting Knob: Used to raise or reduce the pressure by turning the
knob.
3. Detergent Injector: Use to siphon detergent or other pressure washer chemicals
into the low pressure stream.
4. Water Outlet Connector: To connect the high pressure hose.
5. Water Inlet with Filter Screen: Used to connect a garden hose to the washer.
ALWAYS have the filter screen present when in use.
6. Red Shipping Plug Attached with Vent Plug: The pump is shipped with a RED
SHIPPING PLUGS to prevent oil leaking during transportation. ALWAYS replace
with the attached vent plugs before using.
7. Thermal Relief Valve: Cycles water through the pump when the water reaches
125-155oF / 50-68oC. Warm water will discharge from the pump onto the ground.
This valve can prevent internal pump damage (see page 14).
8. High Pressure Turning Valve: This is a valve that can discharge the air in the
pump and water in-take pipeline, enhance pump sucking ability, and allow to suck
from a barrel of 1m deep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com