Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS360 Datasheet(PDF) 3 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 3 Page - Clarke International

  DLS360 Datasheet HTML 1Page - Clarke International DLS360 Datasheet HTML 2Page - Clarke International DLS360 Datasheet HTML 3Page - Clarke International DLS360 Datasheet HTML 4Page - Clarke International DLS360 Datasheet HTML 5Page - Clarke International DLS360 Datasheet HTML 6Page - Clarke International DLS360 Datasheet HTML 7Page - Clarke International DLS360 Datasheet HTML 8Page - Clarke International DLS360 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY RULES
1. DO NOT point the spray at other people, animals, electrical equipment or the
machine itself.
2. DO NOT hold your finger over the high pressure nozzle.
3. DO NOT let children or untrained personnel use this machine.
4. DO NOT operate the machine with any of the covers removed.
5. DO NOT try to repair this machine. Always refer to your CLARKE service
department for all repairs.
6. DO NOT supply any liquid other than water to the water inlet.
7. DO NOT use the detergent pickup facility to introduce flammable liquids/solvents,
e.g. paint thinners, petrol, oil, as there is a risk of explosion.
8. ALWAYS release the remaining pressure in the system; turn off the water supply
and operate the trigger before you remove hoses or accessories.
9. ALWAYS keep the machine dry and away from the water spray.
10. ALWAYS use protective clothing and safety goggles. Loose particles and other
items can be propelled at high speed by the water spray.
11. ALWAYS hold the gun securely & expect it to ‘kick’ when you pull the trigger.
12. ALWAYS respect the requirements of the local water company. Pressure washers
may only be connected to the mains water supply if a system separator (also
known as a backflow preventer) is installed in the supply hose.
13. ALWAYS disconnect from the water supply, and make sure that you drain the
system when not in use. Keep in a cool dry location.
14. ONLY use detergents that are suitable for pressure washers, we recommend that
you use CLARKE Traffic Film Remover or CLARKE Wash and Wax (available from
your CLARKE dealer).
15. WARNING: high pressure water jets can be dangerous, the jet must not be
directed at a person or anything that they are wearing.
16. WARNING: high pressure hoses, fittings and couplings are important for the safety
of the machine. Use only hoses, fittings and couplings recommended by the
manufacturer.
17. WARNING: water that passes through a system separator (also known as a
backflow preventer) is not safe to drink.
18. DO NOT use the pressure washer if there is damage to the inlet/outlet hose or the
machine.
WARNING: WATER AT HIGH PRESSURE CAN BE DANGEROUS AND
CAN CAUSE DAMAGE TO PERSONS OR PROPERTY IF THE OPERATOR
IS CARELESS. NEVER ALLOW ANYONE TO OPERATE THIS
EQUIPMENT UNLESS THEY ARE THOROUGHLY RELIABLE, AND
FAMILIAR WITH THE SAFETY PRECAUTIONS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com