Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS360 Datasheet(PDF) 4 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 4 Page - Clarke International

  DLS360 Datasheet HTML 1Page - Clarke International DLS360 Datasheet HTML 2Page - Clarke International DLS360 Datasheet HTML 3Page - Clarke International DLS360 Datasheet HTML 4Page - Clarke International DLS360 Datasheet HTML 5Page - Clarke International DLS360 Datasheet HTML 6Page - Clarke International DLS360 Datasheet HTML 7Page - Clarke International DLS360 Datasheet HTML 8Page - Clarke International DLS360 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY SYMBOLS
ALWAYS: Read this
manual and make sure
that all warnings and
instructions are clear
before use.
ALWAYS: Wear eye
protection
ALWAYS: Use protective
gloves, footwear and
waterproof clothing.
ALWAYS: Wear ear
protection.
DANGER: Risk to
breathing. Engine
exhaust fumes. For
outdoor use only.
WARNING: Risk of
severe injury. DO NOT
directly discharge stream
at persons or animals.
Keep clear of
nozzle.
WARNING: Risk of chem-
ical burn. NEVER spray
corrosive or toxic
chemicals. Use only
cleaners
formulated for power
washers.
WARNING: Risk of
electrocution. NEVER
direct the spray toward
any electrical device or
electrical outlet.
DANGER: Risk of fire or
explosion.DO NOT spray
flammable liquids.
WARNING: R i s k o f
u n s a f e o p e r a t i o n . Gun
kicks back. Hold with both
hands.
WARNING: Risk of hot
surfaces. Avoid
contact with hot engine
exhaust
components. DO NOT
allow hoses to
contact the engine muffler
during or after use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com