Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS360 Datasheet(PDF) 25 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 25 Page - Clarke International

Back Button DLS360 Datasheet HTML 21Page - Clarke International DLS360 Datasheet HTML 22Page - Clarke International DLS360 Datasheet HTML 23Page - Clarke International DLS360 Datasheet HTML 24Page - Clarke International DLS360 Datasheet HTML 25Page - Clarke International DLS360 Datasheet HTML 26Page - Clarke International DLS360 Datasheet HTML 27Page - Clarke International DLS360 Datasheet HTML 28Page - Clarke International DLS360 Datasheet HTML 29Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
25
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SHUTTING DOWN
1. Release the spray gun trigger and allow the engine to run unloaded for 3 minutes
before shutting down.
2. Loosen the engine speed control
knob anti-clockwise and slide the
knob up to the ‘STOP’ position.
Tighten the knob clockwise in the
‘STOP’ position.
3. Turn the engine switch key to the
‘OFF’ position and remove the key.
4. Rotate the fuel valve to the ‘OFF’
position.
5. Turn the water supply off.
6. Pull the trigger on the spray gun to
release any water pressure.
7. Engage the gun trigger safety switch.
8. See storage section on page 29 for
proper storage procedures.
NOTE: NEVER TURN THE WATER
OFF WITH THE ENGINE RUNNING.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com