Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS360 Datasheet(PDF) 13 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 13 Page - Clarke International

Back Button DLS360 Datasheet HTML 9Page - Clarke International DLS360 Datasheet HTML 10Page - Clarke International DLS360 Datasheet HTML 11Page - Clarke International DLS360 Datasheet HTML 12Page - Clarke International DLS360 Datasheet HTML 13Page - Clarke International DLS360 Datasheet HTML 14Page - Clarke International DLS360 Datasheet HTML 15Page - Clarke International DLS360 Datasheet HTML 16Page - Clarke International DLS360 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
THE HIGH PRESSURE HOSE
CONNECT THE HOSE TO THE GUN
1. Slide the connector collar on the
hose backwards.
2. Push the gun into the connector.
3. Release the connector collar.
NOTE: Make sure the connection is
secure.
CONNECT THE HOSE TO THE POWER WASHER
1. Slide the connector collar on the
power washer towards the machine.
2. Push the hose into the connector.
3. Release the connector collar.
NOTE: Make sure the connection is
secure.
CONNECT WATER INLET HOSE
1. Remove the travel cap if fitted.
2. Fit the hose adaptor as shown.
3. Connect the water supply hose to the
hose adaptor.
NOTE: The water source must provide
a minimum of 17 litres per
minute @ 20 PSI.
NOTE: Make sure the water inlet hose
is screwed on tightly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com