Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS360 Datasheet(PDF) 24 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 24 Page - Clarke International

Back Button DLS360 Datasheet HTML 20Page - Clarke International DLS360 Datasheet HTML 21Page - Clarke International DLS360 Datasheet HTML 22Page - Clarke International DLS360 Datasheet HTML 23Page - Clarke International DLS360 Datasheet HTML 24Page - Clarke International DLS360 Datasheet HTML 25Page - Clarke International DLS360 Datasheet HTML 26Page - Clarke International DLS360 Datasheet HTML 27Page - Clarke International DLS360 Datasheet HTML 28Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
24
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
WATER BUTT CONNECTION
This machine has the ability to draw its own water, meaning you can use water not
under pressure, such as rainwater collected in a water butt. To do this you must carry
out the following procedure.
1. Attach the filter to the end of the pipe
supplied.
2. Place the filter into the water butt.
3. Remove the hose adaptor and
replace it with the inlet connector
supplied.
4. Connect the pick-up pipe to the
pressure washer as shown.
• Tighten securely
5. Twist open the suction valve shown.
6. Start the power washer. See Starting
your Power Washer on page 18
onwards.
• Water is ejected from the nozzle.
7. When the water spray being ejected
is consistent and at high pressure,
close the suction valve.
8. Use the pressure washer as normal.
NOTE: DO NOT LET THE PRESSURE WASHER RUN DRY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com