Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS360 Datasheet(PDF) 19 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 19 Page - Clarke International

Back Button DLS360 Datasheet HTML 15Page - Clarke International DLS360 Datasheet HTML 16Page - Clarke International DLS360 Datasheet HTML 17Page - Clarke International DLS360 Datasheet HTML 18Page - Clarke International DLS360 Datasheet HTML 19Page - Clarke International DLS360 Datasheet HTML 20Page - Clarke International DLS360 Datasheet HTML 21Page - Clarke International DLS360 Datasheet HTML 22Page - Clarke International DLS360 Datasheet HTML 23Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
19
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
5. Loosen the engine speed control
knob anti-clockwise and slide the
engine speed control knob down to
the ‘START’ position and tighten in
position.
6. Turn the key clockwise to the
‘START’ position. Release the key as
soon as the engine starts. It will
return to the ‘ON’ position.
7. Turn water supply on.
NOTE: If the engine fails to start:
1. Wait until the engine completely stops. Engaging the starter while the engine is
rotating may cause damage to the starter motor and flywheel.
2. Wait at least 30 seconds before you attempt to restart the engine again.
IMPORTANT: Allow the engine to run at no load for five minutes after each
start up so the engine can stabilise.
RECOIL START
1. Make sure the engine has sufficient fuel. See page 17.
2. Check the engine, pump & gearbox oil levels. See page 15-16.
3. Connect the high pressure hose and water inlet hoses. See page 13.
NOTE: The power washer is easier to start if you do not turn the water supply on at
this time, see point 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com