Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS360 Datasheet(PDF) 14 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 14 Page - Clarke International

Back Button DLS360 Datasheet HTML 10Page - Clarke International DLS360 Datasheet HTML 11Page - Clarke International DLS360 Datasheet HTML 12Page - Clarke International DLS360 Datasheet HTML 13Page - Clarke International DLS360 Datasheet HTML 14Page - Clarke International DLS360 Datasheet HTML 15Page - Clarke International DLS360 Datasheet HTML 16Page - Clarke International DLS360 Datasheet HTML 17Page - Clarke International DLS360 Datasheet HTML 18Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
14
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
REMOVE THE TRAVEL PLUGS BEFORE USE.
1. Using the 17mm spanner, remove the
travel plugs, as shown.
2. Take from the small bag attached the
two red topped black breather filler
plugs which need to be fitted in their
place, as shown.
• The breather filler plugs must only
be inserted finger tight.
SAFETY FEATURES
Bypass mode: In bypass mode, the pump recirculates the water because the trigger
of the spray gun is not being pulled. If the unit is left unused for more than two
minutes, the water temperature will rise to a dangerous level and could damage
internal components of the pump. If this is the case, the Thermal Relief Valve will
automatically engage. If the gun will not be used for a longer period or the thermal
relief valve does not operate, switch off the engine.
Thermal Relief Valve: In an effort to
prevent damage, pumps are equipped
with a thermal relief valve. This valve will
open when the temperature inside the
pump becomes too high. The valve will
then release a gush of water in an effort
to lower the temperature inside the
pump. Immediately after this occurs, the
valve will close.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com