Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS360 Datasheet(PDF) 35 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 35 Page - Clarke International

Back Button DLS360 Datasheet HTML 31Page - Clarke International DLS360 Datasheet HTML 32Page - Clarke International DLS360 Datasheet HTML 33Page - Clarke International DLS360 Datasheet HTML 34Page - Clarke International DLS360 Datasheet HTML 35Page - Clarke International DLS360 Datasheet HTML 36Page - Clarke International DLS360 Datasheet HTML 37Page - Clarke International DLS360 Datasheet HTML 38Page - Clarke International DLS360 Datasheet HTML 39Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
35
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
EXPLODED DIAGRAM & PARTS LIST- GEAR BOX
1
Gearbox Case
12 Blocking Flake
2
Oil Plug
13 Bolt M8*30
3
O Ring 14.2*1.9
14 Combine Washer
4
Gasket, Oil gauge
15 O Ring 55.25*2.62
5
Sight Gauge
16 Gearbox Cover
6
Oil Seal
17 Gasket Cover
7
Ball Bearing Casing 61908
18 Pump Gear
8
Snap Ring D40
19 Ring
9
Ball Bearing Casing 6008
20 Washer 08
10 Snap Ring D68
21 Bolt M8*20
11 Engine Gear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com