Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS360 Datasheet(PDF) 5 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 5 Page - Clarke International

  DLS360 Datasheet HTML 1Page - Clarke International DLS360 Datasheet HTML 2Page - Clarke International DLS360 Datasheet HTML 3Page - Clarke International DLS360 Datasheet HTML 4Page - Clarke International DLS360 Datasheet HTML 5Page - Clarke International DLS360 Datasheet HTML 6Page - Clarke International DLS360 Datasheet HTML 7Page - Clarke International DLS360 Datasheet HTML 8Page - Clarke International DLS360 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATIONS
Model
DLS360
Engine
Engine Model
G390FD
Power (HP)
9hp/6.6kW/3600rpm
Engine type
Diesel
Starting systems
Key & Recoil
Battery
12V, 20AH
Fuel Tank Capacity (L)
5.5
Water supply
Max. feed temperature
30oC
Min. feed volume (l/min.)
17
Water Inlet Pressure
3-6 Bar
Water Pump
Maximum pressure
248 Bar/3600 Psi
Working pressure
228 Bar/3300 Psi
Max. water flow (l/min.)
17 (Mains supply)
15.3 (Barrel supply)
Measured sound power level LWA dB
93.62
Guaranteed sound power level LWA dB
107.53
Vibration - Main Handle
2.073m/s2
Dimensions
Length/Width/Height - Handle Raised (mm)
900/1610/1100
Weight (kg)
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com