Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS360 Datasheet(PDF) 18 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 18 Page - Clarke International

Back Button DLS360 Datasheet HTML 14Page - Clarke International DLS360 Datasheet HTML 15Page - Clarke International DLS360 Datasheet HTML 16Page - Clarke International DLS360 Datasheet HTML 17Page - Clarke International DLS360 Datasheet HTML 18Page - Clarke International DLS360 Datasheet HTML 19Page - Clarke International DLS360 Datasheet HTML 20Page - Clarke International DLS360 Datasheet HTML 21Page - Clarke International DLS360 Datasheet HTML 22Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
18
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PRESSURE REGULATOR
When purchased, the pressure regulator
may be set to minimum.
Turn the pressure regulator on the pump
fully clockwise to allow water pressure to
increase when the pressure washer is
running.
If you find the pressure is too high, you
can adjust this later by turning the
regulator anti-clockwise.
STARTING YOUR POWER WASHER
ELECTRIC START
Prior to starting, refer to your engine manual for the starting procedures for your
engine type.
1. Make sure the engine has sufficient fuel. See page 17.
2. Check the engine, pump & gearbox oil levels. See page 15-16.
3. Connect the high pressure hose and water inlet hoses. See page 13.
NOTE: The power washer is easier to start if you do not turn the water supply on at
this time, see point 7.
4. Set the fuel valve lever to the ‘ON’
position.
WARNING: FAILURE TO TURN ON THE WATER COULD CAUSE
DAMAGE TO THE PUMP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com