Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS360 Datasheet(PDF) 2 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 2 Page - Clarke International

  DLS360 Datasheet HTML 1Page - Clarke International DLS360 Datasheet HTML 2Page - Clarke International DLS360 Datasheet HTML 3Page - Clarke International DLS360 Datasheet HTML 4Page - Clarke International DLS360 Datasheet HTML 5Page - Clarke International DLS360 Datasheet HTML 6Page - Clarke International DLS360 Datasheet HTML 7Page - Clarke International DLS360 Datasheet HTML 8Page - Clarke International DLS360 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PART NO: 7330376
INTRODUCTION
Thank you for purchasing this CLARKE Diesel Power Washer.
Before attempting to use this product, please read this manual thoroughly and follow
the instructions carefully. In doing so you will ensure the safety of yourself and that of
others around you, and you can look forward to your purchase giving you long and
satisfactory service.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12 months from
the date of purchase. Please keep your receipt which will be required as proof of
purchase.
This guarantee is invalid if the product is found to have been abused or tampered with
in any way, or not used for the purpose for which it was intended.
Faulty goods should be returned to their place of purchase, no product can be
returned to us without prior permission.
This guarantee does not effect your statutory rights.
UNPACKING
Unpack your power washer and check to ensure the following items are present.
Contact your CLARKE dealer immediately if any parts are missing or damaged.
1 x Diesel Power Washer
1 x Pressure Washer Hose
1 x Delivery Hose c/w Fittings
1 x Hose/Lance Storage Bracket
1 x Suction Hose c/w Fittings
4 x Wheel/Pneumatic Tyres
1 x Detergent Hose c/w Fittings
4 x Wheel Axles and Fittings
1 x Lance/Nozzle Assembly
1 x Engine Manual
1 x Gun Assembly
1 x Tool Kit: Multi-Head Screwdriver, 10/
12 Spanner, 14/17 Spanner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com