Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS360 Datasheet(PDF) 21 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 21 Page - Clarke International

Back Button DLS360 Datasheet HTML 17Page - Clarke International DLS360 Datasheet HTML 18Page - Clarke International DLS360 Datasheet HTML 19Page - Clarke International DLS360 Datasheet HTML 20Page - Clarke International DLS360 Datasheet HTML 21Page - Clarke International DLS360 Datasheet HTML 22Page - Clarke International DLS360 Datasheet HTML 23Page - Clarke International DLS360 Datasheet HTML 24Page - Clarke International DLS360 Datasheet HTML 25Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
COLD START IN WINTER
If the engine is difficult to start in winter, see the engine manual for instructions on how
to cold start.
Different oil grades may be required to help start in colder weather. See page 15 for
more information.
USING THE POWER WASHER
1. Pull the trigger on the gun to start water flow.
• Stand on a stable surface and grip the gun/spray wand firmly with both
hands.
• Expect the gun to kick when the trigger is pulled.
2. Release the trigger to stop water flow.
NOTE: The power washer will automatically go into bypass mode when the
trigger is not being pressed. See Safety Features section on page 14-15
for more information.
ADJUSTING THE SPRAY
The nozzle is adjustable to allow you to change the spray from a narrow jet of water to
a wide spray.
To adjust the nozzle, proceed as follows.
1. Hold the shaft of the spray wand in one hand.
2. Twist the nozzle with the other hand.
3. To vary the spray between narrow and wide, turn the nozzle counter-clockwise
through a half-of-a-turn.
WARNING: DO NOT ALLOW THE UNIT TO OPERATE IN BYPASS MODE
FOR MORE THAN TWO MINUTES AT ANY TIME.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com