Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS360 Datasheet(PDF) 29 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 29 Page - Clarke International

Back Button DLS360 Datasheet HTML 25Page - Clarke International DLS360 Datasheet HTML 26Page - Clarke International DLS360 Datasheet HTML 27Page - Clarke International DLS360 Datasheet HTML 28Page - Clarke International DLS360 Datasheet HTML 29Page - Clarke International DLS360 Datasheet HTML 30Page - Clarke International DLS360 Datasheet HTML 31Page - Clarke International DLS360 Datasheet HTML 32Page - Clarke International DLS360 Datasheet HTML 33Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
STORAGE PROCEDURE
For long term storage, the fuel tank should be drained. Ensure that the engine is cold
before draining the tank. Remove the fuel tank cap and use a pump type syphon to
drain the fuel into an appropriate, clean container.
5. Dispose of excess fuel in an environmentally safe way. Your local recycling centre
can advise you on the best method of disposal. After the fuel tank has been
drained, start the engine and allow it to use any fuel that may remain in the engine
or fuel pipe. Make sure that the power washer has been thoroughly cleaned
before storing it in a clean dry place.
ASSOCIATED CLARKE PRODUCTS
Wash & Wax Car Shampoo - PWWS2L
Traffic Film Remover - 5 Litre
• 2 Litre
• Can be used with a power washer or by
hand
• Part No. 3050817
• 5 Litre
• Makes up to 3000L of cleaner
• Part No. 3050821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com