Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS360 Datasheet(PDF) 32 Page - Clarke International

Part # DLS360
Description  3600PSI DIESEL POWER WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

DLS360 Datasheet(HTML) 32 Page - Clarke International

Back Button DLS360 Datasheet HTML 28Page - Clarke International DLS360 Datasheet HTML 29Page - Clarke International DLS360 Datasheet HTML 30Page - Clarke International DLS360 Datasheet HTML 31Page - Clarke International DLS360 Datasheet HTML 32Page - Clarke International DLS360 Datasheet HTML 33Page - Clarke International DLS360 Datasheet HTML 34Page - Clarke International DLS360 Datasheet HTML 35Page - Clarke International DLS360 Datasheet HTML 36Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
32
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
No pressure or low
pressure
1) Spray wand not set to
high pressure
2) Low water supply
3) Hose fitting leaks
during high pressure
4) Water filter screen
obstructed
5) Defective thermal
relief valve
6) Air in hose
7) Throttle control lever
is not in fast position
8) High pressure hose
too long
1)See‘AdjustingtheSpray’section(page
21-22)
2) Water supply must be 19 LPM @
20PSI
3) Tighten hose fittings. Use thread
sealant tape if necessary
4) Remove and clean filter (see page 27)
5) Contact CLARKE service
department
6) Stop engine and water source.
Disconnect water source from pump
inlet and turn water source to ON to
remove all air from the hose. When
steady stream of water is present, turn
water source to OFF. Reconnect water
source to pump inlet and turn on water
source. Squeeze trigger to remove
remaining air
7) Move throttle control lever from fast
position
8) Use high pressure hose under 100ft
(30m)
No or low pressure -
after period of
normal use
1) Worn seal or piston
packing
2) Worn or obstructed
valves
3) Worn unloader piston
4) Worn E-Z start valve
1-4) Have parts cleaned or replaced
by an authorised CLARKE dealer
Pump will not draw
chemicals
1) Spray wand not set to
low pressure
2) Chemical filter clogged
3) Chemical screen not
in chemical
4) Chemical solution too
thick
5) Pressure hose too
long
6) Chemical build up in
chemical injector
1) See ‘Adjusting the Spray’ section
(page 21-22)
2) Clean filter
3) Ensure end of chemical hose is fully
submerged into chemicals
4) Dilute chemical. Chemical solutions
should have same consistency as
water
5) Lengthen water supply hose instead
of pressure hose
6) Have parts cleaned or replaced by
an authorised CLARKE dealer
PROBLEM
PROBABLE CAUSE
SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com