Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 110Page - Renesas Technology Corp RZ/T2M Datasheet HTML 111Page - Renesas Technology Corp RZ/T2M Datasheet HTML 112Page - Renesas Technology Corp RZ/T2M Datasheet HTML 113Page - Renesas Technology Corp RZ/T2M Datasheet HTML 114Page - Renesas Technology Corp RZ/T2M Datasheet HTML 115Page - Renesas Technology Corp RZ/T2M Datasheet HTML 116Page - Renesas Technology Corp RZ/T2M Datasheet HTML 117Page - Renesas Technology Corp RZ/T2M Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 128 page
background image
2.5.5.15
Serial Management Interface Timing
Conditions:
VOH = VCC18 × 0.5, VOL = VCC18 × 0.5, C = 30 pF (1.8 V)
VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 30 pF (3.3 V)
Table 2.40
Serial management interface timing
Parameter
Symbol
Min.
Max.
Unit
Reference figure
MDIO
MDC output cycle time
GMAC_MDC,
ETHSW_MDC
TMDCck
80
ns
Figure 2.88
ESC_MDC
400
ns
MDIO output delay time (for MDC fall)*1
TMDIOd
20
ns
MDIO input setup time (for MDC
rise)
GMAC_MDC,
ETHSW_MDC
TMDIOs
18
ns
ESC_MDC
70
ns
MDIO input hold time (for MDC rise)
TMDIOh
0
ns
Note 1. The output timing from ETHSW is based on the rising edge of MDC, and the output delay can be set in the register.
tMDCck
GMAC_MDC
ETHSW_MDC
ESC_MDC
(Output)
tMDIOs
tMDIOh
tMDIOd
GMAC_MDIO
ETHSW_MDIO
ESC_MDIO
(Input)
GMAC_MDIO
ETHSW_MDIO
ESC_MDIO
(Output)
Figure 2.88
Serial management interface timing
2.6
USB Characteristics
Table 2.41
On-chip USB low-speed (host only) characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference figure
Rising time
tLR
75
300
ns
Figure 2.89, Figure 2.90
Falling time
tLF
75
300
ns
Rising/falling time ratio
tLR/tLF
80
125
%
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 114 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com