Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 112Page - Renesas Technology Corp RZ/T2M Datasheet HTML 113Page - Renesas Technology Corp RZ/T2M Datasheet HTML 114Page - Renesas Technology Corp RZ/T2M Datasheet HTML 115Page - Renesas Technology Corp RZ/T2M Datasheet HTML 116Page - Renesas Technology Corp RZ/T2M Datasheet HTML 117Page - Renesas Technology Corp RZ/T2M Datasheet HTML 118Page - Renesas Technology Corp RZ/T2M Datasheet HTML 119Page - Renesas Technology Corp RZ/T2M Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 128 page
background image
50 pF
Observation point
50 pF
USB_DP
USB_DM
Figure 2.92
Measurement circuit (full speed)
Table 2.43
On-chip USB high-speed characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference figure
Rising time
tHSR
2.133
V/µs
Figure 2.93, Figure 2.94
Falling time
tHSF
2.133
V/µs
Output resistors (also used
as high-speed terminating
resistor)
ZHSDRV
40.5
49.5
Note:
The output resistors (ZHSDRV) for connection to the USB_DP and USB_DM pins are within the LSI.
USB_DP,
USB_DM
10%
90%
90%
10%
tHSR
tHSF
Figure 2.93
USB_DP, USB_DM output timing (high speed)
45 kΩ
Observation point
45 kΩ
USB_DP
USB_DM
Figure 2.94
Measurement circuit (high speed)
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 116 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com