Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 115Page - Renesas Technology Corp RZ/T2M Datasheet HTML 116Page - Renesas Technology Corp RZ/T2M Datasheet HTML 117Page - Renesas Technology Corp RZ/T2M Datasheet HTML 118Page - Renesas Technology Corp RZ/T2M Datasheet HTML 119Page - Renesas Technology Corp RZ/T2M Datasheet HTML 120Page - Renesas Technology Corp RZ/T2M Datasheet HTML 121Page - Renesas Technology Corp RZ/T2M Datasheet HTML 122Page - Renesas Technology Corp RZ/T2M Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 128 page
background image
Table 2.47
Debug interface timing
Parameter
Symbol
Min.
Max.
Unit
Reference
figure
TCK cycle time
With an ICE connected
tTCKcyc
30*1
ns
Figure 2.96
For use in BSCAN
80
TCK high pulse width
tTCKH
0.4
0.6
tTCKcyc
TCK low pulse width
tTCKL
0.4
0.6
tTCKcyc
TDI setup time
tTDIS
5
ns
Figure 2.97
Output load:
30 pF
TDI hold time
tTDIH
5
ns
TMS/SWDIO setup time
tTMSS
5
ns
TMS/SWDIO hold time
tTMSH
5
ns
SWDIO delay time
tSWDO
15
ns
TDO delay time
With an ICE connected
tTDOD
15
ns
For use in BSCAN
22
Capture register setup time
tCAPTS
5
ns
Figure 2.98
Capture register hold time
tCAPTH
5
ns
Update register delay time
tUPDATED
15
ns
Trace clock cycle
tTCYC
20
ns
Figure 2.99
Output load:
15 pF
Trace data delay
time
Trace clock: P18_6
tTDT
-2.3
3.3
ns
Trace clock: P17_4
-2.5
3.0
Trace clock: P22_2
-1.0
4.2
Note 1. This value is the minimum cycle time for the normal operation of internal circuits.
The actual cycle time should be determined in consideration of the TCK capture edge timing and cable length of the connected ICE.
tTCKcyc
tTCKH
tTCKL
TCK
VIH
VIH
VIL
VIL
1/2 VCC33
1/2 VCC33
VIH
Figure 2.96
TCK input timing
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 119 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com