Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button RZ/T2ME Datasheet HTML 103Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 104Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 105Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 106Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 107Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 108Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 109Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 110Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 116 page
background image
2.7
A/D Conversion Characteristics
Table 2.44
12-Bit A/D (unit 0) conversion characteristics
Parameter
Min.
Typ.
Max.
Unit
Reference
figure
Resolution
12
bits
Analog input capacitance
BGA package
13
pF
Channel-dedicated sample-and-
hold circuits in use
(AN000 to AN002)
Conversion time*1
Permissible signal source
impedance
Max. = 1.0 kΩ
1.52
µs
Offset error
±13
LSB
Full-scale error
±13
LSB
Quantization error
±0.5
LSB
Absolute
accuracy
BGA package
±14
LSB
DNL differential
non-linearity
error
BGA package
±3
LSB
INL integral non-
linearity error
BGA package
±4
LSB
Holding characteristics of sample-
and-hold circuits
2.67
µs
Dynamic range
0.15
VREFH0 -
0.15
V
Channel-dedicated sample-and-
hold circuits not in use
(AN000 to AN007)
Conversion time*1
Permissible signal source
impedance
Max. = 1.0 kΩ
0.84
µs
Offset error
±11
LSB
Full-scale error
±11
LSB
Quantization error
±0.5
LSB
Absolute
accuracy
BGA package
±12
LSB
DNL differential
non-linearity
error
BGA package
±3
LSB
INL integral non-
linearity error
BGA package
±4
LSB
Note:
The specified values in the table apply when there is no access to the external bus during A/D conversion. If access proceeds
during A/D conversion, values may not fall within the specified ranges.
Note 1. The conversion time is the total of the sampling time and the comparison time.
Table 2.45
12-Bit A/D (unit 1) conversion characteristics (1 of 2)
Parameter
Min.
Typ.
Max.
Unit
Reference
figure
Resolution
12
bits
Conversion time*1
Permissible signal source
impedance
Max = 1.0 kΩ
0.84
µs
Analog input capacitance
13
pF
Offset error
±11
LSB
Full-scale error
±11
LSB
RZ/T2ME Datasheet
2. Electrical Characteristics
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 107 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com