Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button RZ/T2ME Datasheet HTML 104Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 105Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 106Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 107Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 108Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 109Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 110Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 111Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 116 page
background image
Table 2.45
12-Bit A/D (unit 1) conversion characteristics (2 of 2)
Parameter
Min.
Typ.
Max.
Unit
Reference
figure
Quantization error
±0.5
LSB
Absolute accuracy
±12
LSB
DNL differential non-linearity error
±3
LSB
INL integral non-linearity error
±4
LSB
Note:
The specified values in the table apply when there is no access to the external bus during A/D conversion. If access proceeds
during A/D conversion, values may not fall within the specified ranges.
Note 1. The conversion time is the total of the sampling time and the comparison time.
Analog
signal
source
Ro
Co
Cin
Rs
Cs
DUT
ADC (equiv. circuit)
Ro, Co: Signal source impedance
Cin: Internal parasitic capacitance (package, I/O, etc.)
Rs, Cs: ADC equivalent circuit impedance (With sample-and-hold circuits: Rs = 1.5 kΩ and Cs = 4 pF.
Without sample-and-hold circuits: Rs = 0.75 kΩ and Cs = 3 pF. (Typical))
Figure 2.95
A/D converter equivalent circuit and peripheral configuration diagram
2.8
Temperature Sensor Characteristics
Table 2.46
Temperature sensor characteristics
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
Relative accuracy
±1
°C
*1
Temperature slope
0.0625
°C/LSB
Output code (at 25°C)
1545 (decimal)
TSUSAD register
Note 1. 2-point calibration (Tj = 25°C and Tj = 85°C) and 8 times averaging.
2.9
Debug Interface Timing
Condition: VOH = VCC33 × 0.5, VOL = VCC33 × 0.5
Table 2.47
Debug interface timing (1 of 2)
Parameter
Symbol
Min.
Max.
Unit
Reference
figure
TCK cycle time
With an ICE connected
tTCKcyc
30*1
ns
Figure 2.96
For use in BSCAN
80
TCK high pulse width
tTCKH
0.4
0.6
tTCKcyc
TCK low pulse width
tTCKL
0.4
0.6
tTCKcyc
RZ/T2ME Datasheet
2. Electrical Characteristics
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 108 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com