Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2ME Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # RZ/T2ME
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2ME Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button RZ/T2ME Datasheet HTML 105Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 106Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 107Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 108Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 109Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 110Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 111Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 112Page - Renesas Technology Corp RZ/T2ME Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 116 page
background image
Table 2.47
Debug interface timing (2 of 2)
Parameter
Symbol
Min.
Max.
Unit
Reference
figure
TDI setup time
tTDIS
5
ns
Figure 2.97
Output load:
30 pF
TDI hold time
tTDIH
5
ns
TMS/SWDIO setup time
tTMSS
5
ns
TMS/SWDIO hold time
tTMSH
5
ns
SWDIO delay time
tSWDO
15
ns
TDO delay time
With an ICE connected
tTDOD
15
ns
For use in BSCAN
22
Capture register setup time
tCAPTS
5
ns
Figure 2.98
Capture register hold time
tCAPTH
5
ns
Update register delay time
tUPDATED
15
ns
Trace clock cycle
tTCYC
20
ns
Figure 2.99
Output load:
15 pF
Trace data delay time
tTDT
-1.5
4.0
ns
Note 1. This value is the minimum cycle time for the normal operation of internal circuits.
The actual cycle time should be determined in consideration of the TCK capture edge timing and cable length of the connected ICE.
tTCKcyc
tTCKH
tTCKL
TCK
VIH
VIH
VIL
VIL
1/2 VCC33
1/2 VCC33
VIH
Figure 2.96
TCK input timing
tSWDO
tTDOD
SWDIO (output)
TDO
tTMSS
tTMSH
TMS/SWDIO (input)
tTDIS
tTDIH
TDI
tTCKcyc
TCK
Figure 2.97
Data transfer timing
RZ/T2ME Datasheet
2. Electrical Characteristics
R01DS0441EJ0110 Rev.1.10
Mar 13, 2026
Page 109 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com