Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R Datasheet(PDF) 40 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 40 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 36Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 37Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 38Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 39Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 40Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 41Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 42Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 43Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 44Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
Application
An application should not be supplied directly from
VBAT because it can disturb the battery charging
process and may cause incorrect behavior from the charger. Instead,
VOUTB and/or VSYS should be used
to supply an application.
7.3 USB port negotiation
nRF5x can connect to a USB host.
Port negotiation can be performed after nPM1100 port detection. The nRF5x device and nPM1100 are
both connected to USB in the application example. nPM1100 detects SDP or CDP/DCP. If SDP is detected,
the USB device can negotiate with the USB host for higher current from
VBUS.
•
D+ and D- pins are connected to both nPM1100 and nRF5x. The nRF5x SoC must wait until nPM1100
completes port detection before enabling its USB port. See USB port detection and VBUS current
limiting on page 15 for port detection time after
VBUS connection.
• An nRF5x GPIO is connected to the
ISET pin and sets the VBUS current limit after negotiation. If CDP
or DCP is detected, then a 500 mA limit is automatically set regardless of
ISET state.
•
VBUS is supplied to both nPM1100 and nRF5x to supply nPM1100 SYSREG and the nRF5x VBUS
regulator.
See USB port detection and VBUS current limiting on page 15 for a detailed description.
7.4 CHG and ERR
Pins
CHG and ERR indicate charging and error states. See Charging indication (CHG) and charging error
indication (ERR) on page 23 and Charger error conditions on page 22.
7.5 Termination voltage and current
The termination voltage is configured to 4.2 V via the
VTERMSET pin. See Termination voltage
(VTERMSET) on page 21.
Charge current is configured to 200 mA (±10%) using a 1.5 kΩ (1%) resistor to ground on the
ICHG pin.
See Charge current limit (ICHG) on page 21.
7.6 NTC configuration
The
NTC pin is connected to an external NTC thermistor which should be placed with thermal coupling
to the battery pack. See Battery thermal protection using NTC thermistor (NTC) on page 21 for more
information.
7.7 Ship mode
Ship mode is enabled at production time via an off-board circuit with a probe point on the
SHIPACT pin.
An external button is in the circuit to exit Ship mode. If another circuit is present instead of a button, any
signal that is able to pull the
SHIPHLD pin low for the required period can be connected to that net. See
Using Ship mode on page 10 for more information.
4445_367 v1.0
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com