Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R Datasheet(PDF) 3 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 3 Page - Nordic Semiconductor

  NPM1100-CAAA-R Datasheet HTML 1Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 2Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 3Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 4Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 5Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 6Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 7Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 8Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 9Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
Feature list
Features:
•
400 mA linear battery charger
•
Linear charger for lithium-ion/lithium-polymer batteries
•
Adjustable charge current from 20 mA to 400 mA
•
Selectable termination voltage of 4.1 V or 4.2 V
•
Automatic trickle, constant current, and constant voltage charging
•
Battery thermal protection
•
Discharge current limitation
•
JEITA compliant
•
Li-ion/Li-polymer USB battery charger with a high efficiency buck regulator
•
800 nA - Typical quiescent current
•
460 nA - Shipping mode quiescent current
•
Thermal protection
•
Input regulator
•
USB compatible current limit of 100 mA and 500 mA
•
4.1 V to 6.7 V input voltage range for normal operation
•
20 V overvoltage protection
•
Reverse current protection
•
3.0 V to 5.5 V system voltage output
•
USB port detection supporting the following types:
•
SDP
•
CDP/DCP
•
1.8 V to 3.0 V, 150 mA step-down buck regulator
•
Step-down buck regulator with up to 92% efficiency
•
Automatic transition between hysteretic and pulse width
modulation (PWM) modes
•
Forced PWM mode for clean power operation
•
Pin-selectable output voltage (1.8 V, 2.1 V, 2.7 V, 3.0 V)
•
Soft start-up
•
LED drivers for charger state indication
•
5 mA low side LED driver for charging indication
•
5 mA low side LED driver for error indication
•
2.3 V to 4.35 V battery operating input range
•
2.1x2.1 mm WLCSP package
•
Suitable for two layer PCB design
Applications:
•
Advanced wearables
•
Health/fitness sensor and monitor devices
•
Advanced computer peripherals and I/O devices
•
Mouse
•
Keyboard
•
Multi-touch trackpad
•
Interactive entertainment devices
•
Remote controls
•
Gaming controllers
4445_367 v1.0
iii



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com