Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R Datasheet(PDF) 9 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 9 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 5Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 6Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 7Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 8Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 9Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 10Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 11Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 12Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 13Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
Product overview
Pin
Function
Input type
Usage reference
VTERMSET
Sets termination voltage
Battery dependent
Static (H/L)
Termination voltage
(VTERMSET) on page
21
ICHG
Charge current limit
Static (resistor)
Charge current limit
(ICHG) on page 21
ISET
VBUS current limit
Dynamic (H/L)
USB port detection and
VBUS current limiting on
page 15
MODE
BUCK PWM mode
override
Dynamic (H/L)
BUCK mode selection
(MODE) on page 29
VOUTBSETx
Two pin
VOUTB voltage
configuration
Static (H/L)
Output voltage
selection (VOUTBSET0,
VOUTBSET1) on page
29
SHPACT
Enables Ship mode
Dynamic (H/L)1
Using Ship mode on
page 10
SHPHLD
Disables Ship mode
Dynamic (H/L)1
Using Ship mode on
page 10
Table 2: In circuit configurations
1These pins are level and hold-time controlled.
3.2 System description
The device has the following core components that are described in detail in the respective chapters.
• SYSREG — System regulator on page 15
• CHARGER — Battery charger on page 19
• BUCK — Buck regulator on page 28
The system regulator (SYSREG) is a 5 V LDO supplied by
VBUS. It generates VINT when enabled. VINT is the
internal supply for the device and available on an external pin,
VSYS. SYSREG supports a wide operating
voltage range on
VBUS, tolerates transient voltages up to 20 V, and implements overvoltage protection.
SYSREG also implements configurable current limiting from
VBUS, and USB port detection. When VBUS
is disconnected, SYSREG ensures the device enters Ultra-Low Power mode to minimize quiescent current.
Reverse current protection is enabled when VBUS<VBAT. See SYSREG — System regulator on page 15
for more information and electrical parameters.
The battery charger (CHARGER) is a JEITA compatible linear battery charger for Li-ion/Li-poly batteries.
CHARGER controls the charge cycle using a standard Li-ion charge profile. CHARGER implements dynamic
power-path management regulating current in and out of the battery, depending on system requirements.
Charge current and charge termination voltage can be set via the
ICHG and VTERMSET pins respectively.
LED drivers for charging indication and charging error indication are implemented in CHARGER. See
CHARGER — Battery charger on page 19 for more information and electrical parameters.
The buck regulator (BUCK) is a step-down DC/DC regulator with PWM and hysteretic modes with
automatic control for optimum efficiency and manual enable of PWM mode to reduce voltage ripple
and inductive interference if needed. The output voltage is pin configurable (through
VOUTSET0 and
4445_367 v1.0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com