Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R Datasheet(PDF) 17 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 17 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 13Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 14Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 15Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 16Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 17Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 18Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 19Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 20Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 21Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
Core components
Symbol
Description
Min.
Typ.
Max.
Units
IBUSLIM0
Max
VBUS input current, SDP USB and ISET = LOW,
25°C
90
-
100
mA
VINTREG
Regulated VINT voltage from SYSREG,
VBUS = 6 V
5.2
V
RONREG
SYSREG on resistance, ISET =
HIGH
-
440
720
mΩ
VBUSOVP
Overvoltage protection threshold
6.9
V
VBUSMIN
Undervoltage threshold
3.9
V
VBUSULP
Threshold for entering ULP mode
1.8
V
VBUSPOR
Power-on reset release voltage for
VBUS
3.9
V
VBUSBOR
Brownout reset trigger voltage for
VBUS1
3.8
V
TCONN0
Time for USB detection, ISET =
LOW
-
700
ms
TCONN1
Time for VINT to settle after
VBUS connection, ISET =
HIGH, no load
-
1.2
ms
TDISCONN
Time for system to reach ULP mode after
VBUS
disconnect, CVBUS = 10 µF
-
110
ms
Table 9: Electrical parameters
1Device enters BOR only if (V(
VBUS) < VBUSBOR) AND (V(VBAT) < VBATBOR).
6.1.6 Electrical characteristics
The following graphs show SYSREG electrical characteristics.
Figure 5: VSYS voltage vs. VBUS current, ILIM=500 mA
4445_367 v1.0
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com