Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R Datasheet(PDF) 12 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 12 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 8Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 9Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 10Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 11Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 12Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 13Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 14Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 15Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 16Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
Product overview
Symbol
Description
Min. Typ. Max. Unit
IQSHIP
Ship mode quiescent current
-
460
-
nA
IQBAT
Quiescent current, battery operation, no load,
MODE =
LOW,
VBUS disconnected
-
800
-
nA
TSD
Thermal shutdown threshold
-
120
-
°C
TSDHYST
Thermal shutdown hysteresis
-
10
-
°C
VIH
Input
HIGH
1.1
-
VINT V
VIL
Input
LOW
0
-
0.4 V
RSHPACT
Internal resistance between
SHPACT and AVSS
500
kΩ
tactiveToShip
Duration
SHPACT must be held high to enable Ship mode 200
ms
tshipToActive
Duration
SHPHLD must be held low to disable Ship mode 200
ms
Table 3: System electrical parameters
3.10 System efficiency
Described here is the characterization of the power path from the battery supply (
VBAT) to the BUCK
output (
VOUTB) under different battery voltages, output voltages, and load current conditions.
In the following figure, the load current is swept from 1 µA to 150 mA and back to capture mode change
hysteresis.
Figure 4: VOUTB = 3.0 V system efficiency, MODE=AUTO
4445_367 v1.0
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com