Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R Datasheet(PDF) 24 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 24 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 20Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 21Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 22Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 23Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 24Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 25Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 26Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 27Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 28Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
Core components
VDROPOUT_CHARGER. If more current is required, CHARGER enters Supplement mode, switching to provide
current from the battery, up to IBATLIM.
If a charge cycle ends and ILOAD exceeds ILIM, CHARGER connects the battery and enters Supplement mode
to maintain VINT.
When
VBUS and the battery are connected, the maximum supported load is ILIM + IBATLIM.
When
VBUS is disconnected, CHARGER sources current for VINT from the battery. In Supplement mode, or
when
VBUS is disconnected, VINT voltage is the same as the battery voltage.
VBUS
connected
Battery
connected
Load
CHARGER
VINT supply VINT voltage
Yes
Yes
(ILOAD + ICHGLIM) < ILIM
Charging
VBUS
V(
VBUS)
Yes
Yes
(ILOAD + ICHGLIM) > ILIM
ILOAD < ILIM
Charging
(ICHG reduced)
VBUS
V(
VBAT) +
VDROPOUTCHARGER
Yes
Yes
ILOAD > ILIM
Supplement
mode
VBUS and
VBAT
V(
VBAT)1
Yes
No
ILOAD < ILIM
N/A
VBUS
V(
VBUS)
No
Yes
ILOAD ≤ IBATLIM
N/A
VBAT
V(
VBAT)1
Table 14: Battery supply
1CHARGER has a resistance of RONCHARGER between
VBAT and VINT. The voltage drop from VBAT to VINT
is IBAT x RONCHARGER, where IBAT is the current being drawn from the battery.
6.2.11 Electrical parameters
Symbol
Description
Min.
Typ.
Max.
Unit
ICHGACC
Fast Charge current accuracy, 0.1% accuracy
external resistor
±10
%
VTERM0
Termination voltage,
VTERMSET = LOW
-
4.1
-
V
VTERM1
Termination voltage,
VTERMSET = HIGH
-
4.2
-
V
VTERMACC0
Termination voltage accuracy, Tambient = 25°C
Termination voltage accuracy
-0.5
-1
-
-
0.5
+1
%
%
VTHIGH_DELTA
VTERM voltage reduction at high temperature
100
mV
ITERM
Termination current
8
10
12
% of
ICHG
ITRICKLE
Trickle charge current
10
% of
ICHG
IREDUCED
Fast charge current when device junction
temperature is above THIGH or battery
temperature is below TNTCCOOL
-
50
-
% of
ICHG
4445_367 v1.0
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com