Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R Datasheet(PDF) 48 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 48 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 44Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 45Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 46Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 47Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 48Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 49Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 50Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 51Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 52Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
Hardware and layout
Designator
Value
Description
Footprint
C1
2.2 µF
Capacitor, X5R, 25 V,
±20%
0603
C2, C3, C4
10 µF
Capacitor, X5R, 6.3 V,
±20%
0603
J1
Battery pack
Battery pack with NTC
TP_3x1mm_TH
L1
2.2 µH
Inductor ±20%
0806
LD1, LD3
L0603R
LED, SMD, 0603, RED
0603
LD2
L0603G
LED, SMD, 0603, GREEN 0603
R3
1 K
Resistor, 0.05 W, ±1%
0201
R_ICHG
1K5
Resistor, 0.05 W, ±1%
0201
U1
nPM1100-CAAA
Li-ion/Li-poly USB
battery charger with
a high efficiency buck
regulator
WLCSP-25
Table 25: Configuration 3 reference circuitry
8.3.4 PCB guidelines
A well designed PCB is necessary to achieve good performance. A poor layout can lead to loss in
performance or functionality.
To ensure functionality, it is essential to follow the schematics and layout references closely.
A PCB with a minimum of two layers, including a ground plane, is recommended for optimal performance.
The DC supply voltage should be decoupled with high performance capacitors as close as possible to the
supply pins. See the reference schematics Schematic nPM1100 WLCSP25 for recommended decoupling
capacitor values.
Long power supply lines on the PCB should be avoided. All device grounds, VDD connections, and VDD
bypass capacitors must be connected as close as possible to the device.
8.3.5 PCB layout example
The PCB layout shown here is a reference layout for the WLCSP25 package.
For all available reference layouts, see the Reference Layout section on the Downloads tab for nPM1100
on www.nordicsemi.com.
4445_367 v1.0
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com