Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R Datasheet(PDF) 29 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 29 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 25Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 26Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 27Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 28Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 29Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 30Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 31Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 32Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 33Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
Core components
When VINT is above VSYSBUCKMIN, the buck regulator is enabled and its output voltage is available at
VOUTB.
BUCK features two modes of operation: hysteretic and PWM. Hysteretic mode offers efficiency for the
full range of supported load currents. PWM mode provides a clean supply operation due to a constant
switching frequency, FBUCK. This provides optimal coexistence with RF circuits. BUCK can automatically
change between Hysteretic and PWM modes. Modes are controlled by the
MODE pin. The state of the
MODE pin can be changed at any time.
6.3.1 Output voltage selection (VOUTBSET0, VOUTBSET1)
BUCK output voltage selection pins
VOUTBSET0 and VOUTBSET1 should be hardwired to DEC, VSYS, or
AVSS. Do not toggle these pins during operation.
VOUTBSET1
VOUTBSET0
VOUTB voltage
LOW
LOW
1.8 V
LOW
HIGH
2.1 V
HIGH
LOW
2.7 V
HIGH
HIGH
3.0 V
Table 16: Output voltage selection
For BUCK to supply the desired output voltage, VINT must be VDROPOUT_BUCK greater than the voltage on
VOUTB.
When supplied from battery, the following equation gives the VINT:
VINT = VBAT – IBAT x RONCHARGER
Here, IBAT is the current being drawn from the battery.
6.3.2 BUCK mode selection (MODE)
In Automatic mode, BUCK selects Hysteretic mode for low load currents, and PWM mode for high load
currents.
This maximizes efficiency over the full range of supported load currents. In PWM mode, BUCK provides
a clean supply operation due to constant switching frequency and lower voltage ripple. This allows for
optimal coexistence with RF circuits. The
MODE pin can be changed at any time.
MODE
BUCK operation mode
LOW
Automatic selection between Hysteretic and PWM
modes
HIGH
PWM mode
Table 17: BUCK mode selection
6.3.3 Component selection
Recommended values for the inductor are shown in the following table.
4445_367 v1.0
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com