Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R Datasheet(PDF) 30 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 30 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 26Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 27Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 28Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 29Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 30Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 31Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 32Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 33Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 34Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
Core components
Parameter
Value
Units
Nominal inductance
2.2
μH
Inductor tolerance
≤ 20
%
DC resistance (DCR)
≤ 400
mΩ
Saturation current (lsat)
≥ 350
mA
Maximum current (lmax)
≥ 350
mA
Table 18: Component selection
6.3.4 Electrical parameters
Symbol
Description
Min.
Typ.
Max.
Unit
VOUTBACC
VOUTB accuracy
-2
-
8
%
IOUTBSHORT
Short circuit current limit
-
-
400
mA
IPWMTHRES
Load current threshold from Hysteretic to PWM
mode (MODE = LOW)
90
mA
IHYSTTHRES
Load current threshold from PWM to Hysteretic
mode (MODE = LOW)
40
mA
VOUTBRIPPLE_HYST
VOUTB ripple, MODE = HIGH or load current above
IPWMTHRES
-
-
10
mVpp
VOUTBRIPPLE_HYST VOUT ripple, MODE = LOW and load current below
IPWMTHRES
-
-
80
mVpp
EFFBUCK
Efficiency,
VOUTBSET = 11 (VOUTB = 3.0 V), VINT =
3.7 V, IOUTB = 100 mA
-
93.5
-
%
VDROPOUT_BUCK
Dropout voltage, V(
VOUTB) - VINT
-
0.41
V
FBUCK
Switching frequency for PWM mode
-
3.6
-
MHz
TPWMMODE
Hysteretic to PWM mode transition time on
MODE
pin toggle
-
-
55
μs
THYSTMODE
PWM to Hysteretic mode transition time on
MODE
pin toggle
-
-
25
μs
TPWM
Hysteretic to PWM mode transition time
-
-
90
μs
THYST
PWM to Hysteretic mode transition time
-
-
35
μs
TSETTLE
Settling time to within 1% after load transient of 0
A to 100 mA
-
-
20
μs
VINTBUCKMIN
Minimum VINT voltage for enabling BUCK
-
2.8
-
V
Table 19: Electrical parameters
4445_367 v1.0
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com