Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R Datasheet(PDF) 23 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 23 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 19Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 20Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 21Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 22Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 23Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 24Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 25Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 26Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 27Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
Core components
6.2.9 Charging indication (CHG) and charging error indication (ERR)
The charging indication pin
CHG and charging error indication pin ERR sink 5 mA of current when active.
They are high impedance when disabled. This is suitable for driving LEDs or connecting to host GPIOs in a
weak pull-up configuration.
ERR
CHG
VSYS
Figure 11: Configuration for connecting to LEDs
ERR
CHG
VOUTB
HOST
Figure 12: Configuration for connecting to a host
Note: To configure both LED indication and connection to a host, the GPIO input voltage range
tolerance must be met, or an external circuit may be required. See Reference circuitry on page
44.
The charging indication pin,
CHG, is active while the battery is charging.
The charging error indication pin,
ERR, is activated when an error occurs, see Charger error conditions on
page 22.
6.2.10 DPPM — Dynamic power-path management
CHARGER manages battery current flow to maintain VINT voltage.
The system load requirements are prioritized over battery charge current when
VBUS is connected and
the battery is charging. The battery is isolated when
VBUS is connected and the battery is fully charged.
SYSREG supplies the load unless the load exceeds SYSREG limits. When
VBUS is disconnected, CHARGER
switches to battery supply.
During charging, if the combined current load (ILOAD) on VINT (including BUCK input current) and
VBAT
(ICHG) exceeds the current provided by SYSREG (ILIM), the battery charge current decreases to maintain the
VINT voltage. The battery charger reduces the current to maintain the internal voltage: VINT = V(
VBAT )+
4445_367 v1.0
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com