Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R Datasheet(PDF) 22 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 22 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 18Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 19Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 20Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 21Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 22Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 23Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 24Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 25Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 26Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
Core components
• Using a battery pack with an integrated NTC thermistor
• Connecting a thermistor between the
NTC pin and the AVSS pin
The thermistor needs to have thermal contact with the battery and preferably within the battery pack.
Recommended values for the NTC thermistor are found in the following table.
Parameter
Value
Unit
Nominal resistance at 25°C
10
kΩ
Resistance accuracy
1
%
B25/50 constant
3380
Kelvin
B25/85 constant
3434 to 3435
Kelvin
B constant accuracy
1
%
Table 12: Recommended NTC thermistor values
If the thermal protection feature is not used, then a 10 kΩ, ≤20% accuracy resistor should be connected
between
NTC and AVSS pins.
To provide JEITA compliant thermal protection, the charge current limit and termination voltage are
adjusted according to the NTC thermistor measurement.
Temperature region
Battery temperature Charging current
Termination voltage
Cold
T < 0°C
0 (OFF)
NA
Cool
0°C < T < 10°C
IREDUCED
VTERM
Nominal
10°C < T < 45°C
ICHGLIM
VTERM
Warm
45°C < T < 60°C
ICHGLIM
VTERM-VTHIGH_DELTA
Hot
T > 60°C
0 (OFF)
NA
Table 13: Battery temperature ranges
6.2.7 Charger thermal regulation
If the device junction temperature exceeds THIGH and CHARGER is in Fast Charge mode, the charge current
is reduced to IREDUCED.
6.2.8 Charger error conditions
A CHARGER error condition occurs when one of the following are present:
• A battery short (
VBAT to AVSS)
• Battery voltage lower than VBATCHARGEMIN after battery detection due to a fault with the battery
• Trickle charge timeout; see TOUTTRICKLE
• Constant voltage charge/fast charge timeout; see TOUTCHARGE
• Device internal error occurs when CHARGER is self-checking
After an error is detected, CHARGER is disabled, the charging error indication is activated, and the charging
indication is deactivated. Error conditions are cleared when
VBUS is disconnected and reconnected again.
Note: The constant voltage/fast charge timeout is the combined time spent in both constant
voltage charge and fast charge, TOUTCHARGE.
4445_367 v1.0
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com