Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R Datasheet(PDF) 37 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 37 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 33Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 34Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 35Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 36Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 37Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 38Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 39Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 40Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 41Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
Core components
Figure 31: BUCK Mode transition, MODE pin 0 → 1, Vout=1.8 V Iout=10 mA
Figure 32: BUCK Mode transition, MODE pin 1 → 0, Vout=1.8 V Iout=10 mA
4445_367 v1.0
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com