Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R Datasheet(PDF) 16 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 16 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 12Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 13Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 14Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 15Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 16Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 17Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 18Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 19Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 20Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
Core components
Limit set method
Pin configuration
VBUS current limit
Fixed 100 mA
ISET = D- = AVSS
D+ = NC
100 mA
Fixed 500 mA
ISET = VSYS
D- = AVSS
D+ = NC
500 mA
USB port detection
ISET = AVSS
D+ and D- are connected to host
100 mA if SDP detected
500 mA if DCP/CDP detected
USB port detection and
negotiation (requires a USB
enabled microcontroller)
ISET = microcontroller GPIO
D+ and D- connected to USB
host
100 mA if SDP detected,
ISET =
LOW
500 mA if SDP detected,
ISET =
HIGH
500 mA if DCP/CDP
Table 8: Pin configuration for
VBUS current limit
When a microcontroller is controlling
ISET with GPIO for USB port negotiation, ISET must be set
LOW on reset and whenever USB is disconnected.
ISET is only set HIGH when the USB port is SDP and
negotiation for a higher current limit is complete.
See the circuit schematics in the Reference circuitry on page 44 for designs illustrating these
configurations.
6.1.2 SYSREG resistance and output voltage
SYSREG regulates the VINT voltage to VSYSREG. When the
VBUS pin voltage is below VSYSREG, there is
typically RONREG resistance between
VBUS and VINT.
6.1.3 VBUS overvoltage and undervoltage protection
The overvoltage threshold for
VBUS is VBUSOVP. The undervoltage threshold for VBUS is VBUSMIN.
SYSREG is disabled when
VBUS voltage is above the overvoltage threshold VBUSOVP, or below the
undervoltage threshold VBUSMIN. This isolates
VBUS and prevents current flowing from VINT to VBUS.
6.1.4 VBUS disconnect
SYSREG isolates
VBUS from VINT when VBUS is disconnected and the voltage drops below VBUSMIN.
When
VBUS reaches VBUSULP, the device enters an ultra-low power (ULP) operation mode. This takes
TDISCONN, dependent on capacitive load on
VBUS. The device stays in a ULP mode while VBUS is under
VBUSULP.
6.1.5 Electrical parameters
Symbol
Description
Min.
Typ.
Max.
Units
IBUSLIM1
Max
VBUS input current, CDP/DCP USB or ISET =
HIGH
450
-
500
mA
4445_367 v1.0
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com