Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R Datasheet(PDF) 25 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 25 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 21Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 22Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 23Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 24Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 25Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 26Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 27Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 28Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 29Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
Core components
Symbol
Description
Min.
Typ.
Max.
Unit
THIGH
High temperature threshold
-
100
-
°C
THIGHHYST
High temperature hysteresis
-
10
-
°C
VTRICKLE_FAST
Trickle to Fast Charge threshold
-
2.9
-
V
VRECHARGE
Recharge threshold
-
97
-
% of
VTERM
VBATCHARGEMIN
Minimum voltage during charge
-
2.1
-
V
TOUTTRICKLE
Trickle charging timeout
-
10
-
min
TOUTCHARGE
Timeout for Fast charging and constant current
charging
-
7
-
hour
VDROPOUT_CHARGER VINT -
VBAT voltage for charging
-
50
-
mV
TREDETECT
Period between detection events
-
500
-
ms
IBATLIM
Output current limit from battery in discharge
-
660
-
mA
RONCHARGER
CHARGER resistance between
VBAT and VINT in
Discharge,
VBAT = 3.7 V
-
130
230
mΩ
VBATPOR
Power-on reset release voltage for
VBAT
-
2.7
-
V
VBATBOR
Brownout reset trigger voltage for
VBAT 1
-
2.5
-
V
ISINK
DC current (
CHG and ERR)
-
5
-
mA
TNTCCOLD
JEITA cold temperature threshold (Thermistor: 10
kΩ, B25/50=3380 K)
-
0
-
°C
RNTCCOLD_FALLING
Resistance threshold from cool to cold
25.53 27.28 29.13 kΩ
RNTCCOLD_RISING
Resistance threshold from cold to cool
23.10 26.00 28.20 kΩ
TNTCCOOL
JEITA cool temperature threshold (Thermistor: 10
kΩ, B25/50=3380 K)
-
10
-
°C
RNTCCOOL_FALLING
Resistance threshold from nom. to cool
16.80 18.00 19.20 kΩ
RNTCCOOL_RISING
Resistance threshold from cool to nom.
15.50 17.10 18.60 kΩ
TNTCWARM
JEITA warm temperature threshold (Thermistor:
10 kΩ, B25/50=3380 K)
-
45
-
°C
RNTCWARM_FALLING Resistance threshold from warm to nom.
4.86
5.13
5.43 kΩ
RNTCWARM_RISING
Resistance threshold from nom. to warm
4.68
4.92
5.17 kΩ
TNTCHOT
JEITA hot temperature threshold (Thermistor: 10
kΩ, B25/50=3380 K)
-
60
-
°C
RNTCHOT_FALLING
Resistance threshold from hot to warm
3.04
3.19
3.35 kΩ
RNTCHOT_RISING
Resistance threshold from warm to hot
2.90
3.02
3.15 kΩ
Table 15: Charger electrical parameters
1Device enters BOR only if (V(VBUS) < VBUSBOR) AND (V(VBAT) < VBATBOR).
4445_367 v1.0
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com