Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R Datasheet(PDF) 43 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 43 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 39Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 40Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 41Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 42Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 43Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 44Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 45Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 46Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 47Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
Hardware and layout
Pin
Name
Function
Description
Recommended
usage
C3
VTERMSET
Digital I/O
Battery charging termination
voltage selection:
0 to 4.10 V
1 to 4.20 V
Toggle only when the
device is in Power
OFF
C4
AVSS
Power
Ground
C5
AVSS
Power
Ground
D1
VBAT
Power
Battery
D2
VBAT
Power
Battery
D3
SHPHLD
Digital I/O
Shipping mode hold
D4
SHPACT
Digital I/O
Shipping mode activate
D5
ISET
Digital I/O
VBUS current limit selection:
0 mA to 100 mA (SDP mode only)
1 mA to 500 mA
E1
NTC
Analog input
NTC resistor
E2
ICHG
Analog input
Charge current limiting resistor
E3
ERR
Digital OUT
Open-drain LED driver; enabled
when error condition in charging
E4
CHG
Digital OUT
Open-drain LED driver; enabled
when battery is charging
E5
MODE
Digital I/O
0 - automatic
1 - Forced PWM
Table 20: Pin assignments
Note:
VOUTBSET1 and VOUTBSET0 balls are located close to AVSS, DEC, and VSYS to allow
connection to tracks on the PCB without any via holes.
8.2 Mechanical specifications
The mechanical specifications for the package shows the dimensions in millimeters.
8.2.1 WLCSP 2.075x2.075 mm package
Dimensions in millimeters for the WLCSP 2.075x2.075 mm package.
4445_367 v1.0
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com