Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-R Datasheet(PDF) 11 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 11 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 7Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 8Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 9Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 10Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 11Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 12Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 13Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 14Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 15Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
Product overview
If Ship mode is not required, then
SHPACT and SHPHLD pins may be tied to AVSS.
Button
VBAT
nPM1100
From system or test pin
100 kΩ
typ
500 kΩ
SHPACT
SHPHLD
Figure 3: A typical configuration for Ship mode
3.6 Thermal protection
The device implements thermal regulation based on battery temperature, see Battery thermal protection
using NTC thermistor (NTC) on page 21 and Charger thermal regulation on page 22.
In addition to battery thermal protection and charger thermal regulation, a global thermal shutdown
based on die temperature is implemented when die temperature exceeds the operating temperature
range, see TSD. All device functions are disabled in thermal shutdown. The device functions are re-enabled
when the temperature is sufficiently reduced according to a hysteresis TSDHYST.
3.7 Battery considerations
The charger can only be used with Li-ion/Li-poly rechargeable batteries.
Battery packs connected to the
VBAT pin must contain the following protection circuitry:
• Overcharge protection
• Undervoltage protection
• Overcurrent discharge fuse
• Thermal fuse to protect from overtemperature (if NTC thermistor is not present)
3.8 Charging and Error LED drivers
CHARGER controls the
CHG and ERR pins, which are used to drive LEDs and/or signal status to an external
circuit.
See Charging indication (CHG) and charging error indication (ERR) on page 23 for more information.
3.9 System electrical parameters
4445_367 v1.0
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com