Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 384 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 384 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 380Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 381Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 382Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 383Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 384Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 385Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 386Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 387Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 388Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 483 page
background image
Peripherals
6.19.3 SPI slave operation
SPI slave uses two memory pointers, RXD.PTR and TXD.PTR, that point to the RXD buffer (receive buffer)
and TXD buffer (transmit buffer) respectively. Since these buffers are located in RAM, which can be
accessed by both the SPI slave and the CPU, a hardware based semaphore mechanism is implemented to
enable safe sharing.
See SPI transaction when shortcut between END and ACQUIRE is enabled on page 385.
Before the CPU can safely update the RXD.PTR and TXD.PTR pointers it must first acquire the SPI
semaphore. The CPU can acquire the semaphore by triggering the ACQUIRE task and then receiving the
ACQUIRED event. When the CPU has updated the RXD.PTR and TXD.PTR pointers the CPU must release the
semaphore before the SPI slave will be able to acquire it. The CPU releases the semaphore by triggering
the RELEASE task. This is illustrated in SPI transaction when shortcut between END and ACQUIRE is
enabled on page 385. Triggering the RELEASE task when the semaphore is not granted to the CPU will
have no effect.
The semaphore mechanism does not, at any time, prevent the CPU from performing read or write access
to the RXD.PTR register, the TXD.PTR registers, or the RAM that these pointers are pointing to. The
semaphore is only telling when these can be updated by the CPU so that safe sharing is achieved.
The semaphore is by default assigned to the CPU after the SPI slave is enabled. No ACQUIRED event will be
generated for this initial semaphore handover. An ACQUIRED event will be generated immediately if the
ACQUIRE task is triggered while the semaphore is assigned to the CPU.
The SPI slave will try to acquire the semaphore when CSN goes low. If the SPI slave does not manage to
acquire the semaphore at this point, the transaction will be ignored. This means that all incoming data on
MOSI will be discarded, and the DEF (default) character will be clocked out on the MISO line throughout
the whole transaction. This will also be the case even if the semaphore is released by the CPU during the
transaction. In case of a race condition where the CPU and the SPI slave try to acquire the semaphore at
the same time, as illustrated in lifeline item 2 in SPI transaction when shortcut between END and ACQUIRE
is enabled on page 385, the semaphore will be granted to the CPU.
If the SPI slave acquires the semaphore, the transaction will be granted. The incoming data on MOSI will
be stored in the RXD buffer and the data in the TXD buffer will be clocked out on MISO.
When a granted transaction is completed and CSN goes high, the SPI slave will automatically release the
semaphore and generate the END event.
As long as the semaphore is available the SPI slave can be granted multiple transactions one after the
other. If the CPU is not able to reconfigure the TXD.PTR and RXD.PTR between granted transactions, the
same TX data will be clocked out and the RX buffers will be overwritten. To prevent this from happening,
the END_ACQUIRE shortcut can be used. With this shortcut enabled the semaphore will be handed over
to the CPU automatically after the granted transaction has completed, giving the CPU the ability to update
the TXPTR and RXPTR between every granted transaction.
If the CPU tries to acquire the semaphore while it is assigned to the SPI slave, an immediate handover
will not be granted. However, the semaphore will be handed over to the CPU as soon as the SPI slave
has released the semaphore after the granted transaction is completed. If the END_ACQUIRE shortcut
is enabled and the CPU has triggered the ACQUIRE task during a granted transaction, only one ACQUIRE
request will be served following the END event.
The MAXRX register specifies the maximum number of bytes the SPI slave can receive in one granted
transaction. If the SPI slave receives more than MAXRX number of bytes, an OVERFLOW will be indicated
in the STATUS register and the incoming bytes will be discarded.
The MAXTX parameter specifies the maximum number of bytes the SPI slave can transmit in one granted
transaction. If the SPI slave is forced to transmit more than MAXTX number of bytes, an OVERREAD will be
indicated in the STATUS register and the ORC character will be clocked out.
4430_161 v1.0
384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com