Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 387 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 387 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 383Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 384Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 385Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 386Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 387Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 388Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 389Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 390Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 391Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 483 page
background image
Peripherals
Register
Offset
Description
AMOUNTTX
0x54C
Number of bytes transmitted in last granted transaction
Deprecated
TXD.PTR
0x544
TXD data pointer
TXD.MAXCNT
0x548
Maximum number of bytes in transmit buffer
TXD.AMOUNT
0x54C
Number of bytes transmitted in last granted transaction
CONFIG
0x554
Configuration register
DEF
0x55C
Default character. Character clocked out in case of an ignored transaction.
ORC
0x5C0
Over-read character
Table 80: Register Overview
6.19.5.1 SHORTS
Address offset: 0x200
Shortcut register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW END_ACQUIRE
Shortcut between END event and ACQUIRE task
See EVENTS_END and TASKS_ACQUIRE
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
6.19.5.2 INTENSET
Address offset: 0x304
Enable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
C
B
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW END
Write '1' to Enable interrupt for END event
See EVENTS_END
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW ENDRX
Write '1' to Enable interrupt for ENDRX event
See EVENTS_ENDRX
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
C
RW ACQUIRED
Write '1' to Enable interrupt for ACQUIRED event
See EVENTS_ACQUIRED
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
4430_161 v1.0
387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com