Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 101 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 101 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 97Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 98Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 99Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 100Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 101Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 102Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 103Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 104Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 105Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 483 page
background image
Peripherals
6.2.5.6 IRKPTR
Address offset: 0x508
Pointer to IRK data structure
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW IRKPTR
Pointer to the IRK data structure
6.2.5.7 ADDRPTR
Address offset: 0x510
Pointer to the resolvable address
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW ADDRPTR
Pointer to the resolvable address (6-bytes)
6.2.5.8 SCRATCHPTR
Address offset: 0x514
Pointer to data area used for temporary storage
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW SCRATCHPTR
Pointer to a scratch data area used for temporary storage
during resolution.A space of minimum 3 bytes must be
reserved.
6.2.6 Electrical specification
6.2.6.1 AAR Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
tAAR
Address resolution time per IRK. Total time for several IRKs
is given as (1 µs + n * t_AAR), where n is the number of IRKs.
(Given priority to the actual destination RAM block).
..
..
..
µs
tAAR,8
Time for address resolution of 8 IRKs. (Given priority to the
actual destination RAM block).
48
µs
6.3 BPROT — Block protection
The mechanism for protecting non-volatile memory can be used to prevent erroneous application code
from erasing or writing to protected blocks.
4430_161 v1.0
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com