Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 103 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 103 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 99Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 100Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 101Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 102Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 103Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 104Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 105Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 106Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 107Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 483 page
background image
Peripherals
6.3.1 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40000000
BPROT
BPROT
Block protect
Table 22: Instances
Register
Offset
Description
CONFIG0
0x600
Block protect configuration register 0
CONFIG1
0x604
Block protect configuration register 1
DISABLEINDEBUG
0x608
Disable protection mechanism in debug mode
0x60C
Reserved
Table 23: Register Overview
6.3.1.1 CONFIG0
Address offset: 0x600
Block protect configuration register 0
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW REGION0
Enable protection for region 0. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
B
RW REGION1
Enable protection for region 1. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
C
RW REGION2
Enable protection for region 2. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
D
RW REGION3
Enable protection for region 3. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
E
RW REGION4
Enable protection for region 4. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
F
RW REGION5
Enable protection for region 5. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
G
RW REGION6
Enable protection for region 6. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
H
RW REGION7
Enable protection for region 7. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
I
RW REGION8
Enable protection for region 8. Write '0' has no effect.
Disabled
0
Protection disabled
Enabled
1
Protection enabled
J
RW REGION9
Enable protection for region 9. Write '0' has no effect.
4430_161 v1.0
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com