Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 118 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 118 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 114Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 115Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 116Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 117Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 118Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 119Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 120Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 121Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 122Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 483 page
background image
Peripherals
Comparator
core
MODE
VIN-
MUX
VIN+
PSEL
RESULT
+
-
Output
0 = BELOW (VIN+ < VIN-)
1 = ABOVE (VIN+ > VIN-)
HYST
Figure 33: Comparator overview
Once enabled (using the ENABLE register), the comparator is started by triggering the START task and
stopped by triggering the STOP task. After a start-up time of tCOMP,START, the comparator will generate a
READY event to indicate that it is ready for use and that its output is correct. When the COMP module is
started, events will be generated every time VIN+ crosses VIN-.
Operation modes
The comparator can be configured to operate in two main operation modes, differential mode and single-
ended mode. See the MODE register for more information. In both operation modes, the comparator can
operate in different speed and power consumption modes (low-power, normal and high-speed). High-
speed mode will consume more power compared to low-power mode, and low-power mode will result in
slower response time compared to high-speed mode.
Use the PSEL register to select any of the AIN0-AIN6 pins (or VDD/2) as VIN+ input, irregardless of the
operation mode selected for the comparator. The source of VIN- depends on which operation mode is
used:
• Differential mode: Derived directly from AIN0 to AIN7
• Single-ended mode: Derived from VREF. VREF can be derived from VDD, AIN0-AIN7 or internal 1.2 V,
1.8 V and 2.4 V references.
The selected analog pins will be acquired by the comparator once it is enabled.
An optional hysteresis on VIN+ and VIN- can be enabled when the module is used in differential mode
through the HYST register. In single-ended mode, VUP and VDOWN thresholds can be set to implement
a hysteresis using the reference ladder (see Comparator in single-ended mode on page 120). This
hysteresis is in the order of magnitude of 30 mV, and shall prevent noise on the signal to create unwanted
events. See Hysteresis example where VIN+ starts below VUP on page 121 for illustration of the effect of
an active hysteresis on a noisy input signal.
An upward crossing will generate an UP event and a downward crossing will generate a DOWN event. The
CROSS event will be generated every time there is a crossing, independent of direction.
The immediate value of the comparator can be sampled to RESULT register by triggering the SAMPLE task.
4430_161 v1.0
118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com