Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 120 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 120 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 116Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 117Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 118Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 119Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 120Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 121Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 122Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 123Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 124Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 483 page
background image
Peripherals
Before enabling the comparator via the ENABLE register, the following registers must be configured for the
single-ended mode:
• PSEL
• MODE
• REFSEL
• EXTREFSEL
• TH
The reference ladder uses the reference voltage (VREF) to derive two new voltage references, VUP and
VDOWN. VUP and VDOWN are configured using THUP and THDOWN respectively in the TH register. VREF
can be derived from any of the available reference sources, configured using the EXTREFSEL and REFSEL
registers as illustrated in Comparator in single-ended mode on page 120. When AREF is selected in
the REFSEL register, the EXTREFSEL register is used to select one of the AIN0-AIN7 analog input pins as
reference input. The selected analog pins will be acquired by the comparator once it is enabled.
MUX
REFSEL
VDD
1V2
1V8
2V4
VREF
TH
Comparator
core
MODE
Reference
ladder
VIN-
MUX
VIN+
PSEL
EXTREFSEL
RESULT
+
-
MUX
VUP
VDOWN
0
1
HYST
Output
0 = BELOW (VIN+ < VIN-)
1 = ABOVE (VIN+ > VIN-)
MUX
AREF
Figure 36: Comparator in single-ended mode
Restriction: Depending on the device, not all the analog inputs may be available for each MUX. See
definitions for PSEL and EXTREFSEL for more information about which analog pins are available on a
particular device.
When the comparator core detects that VIN+ > VIN-, i.e. ABOVE as per the RESULT register, VIN- will switch
to VDOWN. When VIN+ falls below VIN- again, VIN- will be switched back to VUP. By specifying VUP larger
than VDOWN, a hysteresis can be generated as illustrated in Hysteresis example where VIN+ starts below
VUP on page 121 and Hysteresis example where VIN+ starts above VUP on page 121.
Writing to HYST has no effect in single-ended mode, and the content of this register is ignored.
4430_161 v1.0
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com