Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 138 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 138 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 134Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 135Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 136Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 137Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 138Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 139Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 140Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 141Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 142Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 483 page
background image
Peripherals
When the correct level is detected on any such configured pin, the sense mechanism will set the DETECT
signal high. Each pin has a separate DETECT signal. Default behavior, defined by the DETECTMODE register,
is that the DETECT signals from all pins in the GPIO port are combined into one common DETECT signal
that is routed throughout the system, which then can be utilized by other peripherals. This mechanism
is functional in both System ON mode and System OFF mode. See GPIO port and the GPIO pin details on
page 138.
GPIO port
PIN31
PIN0
PIN31
PIN[31].CNF
PIN[31].IN
PIN[31].OUT
PIN0
PIN[0].CNF
PIN[0].IN
PIN[0].OUT
..
PIN0
PIN[0].OUT
PIN[0].IN
IN
Sense
OUT_OVERRIDE
DIR_OVERRIDE
PIN0.DETECT
OUT
O
I
O: output buffer
I: input buffer
PIN[0].CNF.INPUT
PIN[0].CNF.PULL
PIN[0].CNF.DRIVE
PIN[0].CNF.SENSE
PIN[0].CNF.DIR
INPUT_OVERRIDE
ANAIN
ANAEN
PIN1.DETECT
PIN31.DETECT
LATCH
LDETECT
DETECT
DETECTMODE
Figure 39: GPIO port and the GPIO pin details
GPIO port and the GPIO pin details on page 138 illustrates the GPIO port containing 32 individual pins,
where
PIN0 is illustrated in more detail as a reference. All signals on the left side in the illustration are
used by other peripherals in the system and therefore not directly available to the CPU.
Make sure that a pin is in a level that cannot trigger the sense mechanism before enabling it. The DETECT
signal will go high immediately if the SENSE condition configured in the PIN_CNF registers is met when the
sense mechanism is enabled. This will trigger a PORT event if the DETECT signal was low before enabling
the sense mechanism. See GPIOTE — GPIO tasks and events on page 188.
See the following peripherals for more information about how the DETECT signal is used:
• POWER: uses the DETECT signal to exit from System OFF mode.
• GPIOTE: uses the DETECT signal to generate the PORT event.
When a pin's PINx.DETECT signal goes high, a flag will be set in the LATCH register. For example, when
the PIN0.DETECT signal goes high, bit 0 in the LATCH register will be set to '1'. If the CPU performs a clear
operation on a bit in the LATCH register when the associated PINx.DETECT signal is high, the bit in the
LATCH register will not be cleared. The LATCH register will only be cleared if the CPU explicitly clears it by
writing a '1' to the bit that shall be cleared, i.e. the LATCH register will not be affected by a PINx.DETECT
signal being set low.
The LDETECT signal will be set high when one or more bits in the LATCH register are '1'. The LDETECT signal
will be set low when all bits in the LATCH register are successfully cleared to '0'.
If one or more bits in the LATCH register are '1' after the CPU has performed a clear operation on the
LATCH registers, a rising edge will be generated on the LDETECT signal. This is illustrated in DETECT signal
behavior on page 139.
Important: The CPU can read the LATCH register at any time to check if a SENSE condition has been
met on one or more of the the GPIO pins, even if that condition is no longer met at the time the
CPU queries the LATCH register. This mechanism will work even if the LDETECT signal is not used as
the DETECT signal.
The LDETECT signal is by default not connected to the GPIO port's DETECT signal, but via the DETECTMODE
register it is possible to change from default behavior to DETECT signal being derived directly from the
4430_161 v1.0
138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com