Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R Datasheet(PDF) 139 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 139 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 135Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 136Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 137Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 138Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 139Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 140Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 141Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 142Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 143Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 483 page
background image
Peripherals
LDETECT signal instead. See GPIO port and the GPIO pin details on page 138. DETECT signal behavior on
page 139 illustrates the DETECT signal behavior for these two alternatives.
PIN0.DETECT
1
PIN1.DETECT
PIN31.DETECT
DETECT
(Default mode)
DETECT
(LDETECT mode)
3
4
2
LATCH.0
LATCH.1
LATCH.31
Figure 40: DETECT signal behavior
The input buffer of a GPIO pin can be disconnected from the pin to enable power savings when the pin is
not used as an input, see GPIO port and the GPIO pin details on page 138. Inputs must be connected to
get a valid input value in the IN register, and for the sense mechanism to get access to the pin.
Other peripherals in the system can connect to GPIO pins and override their output value and
configuration, or read their analog or digital input value. See GPIO port and the GPIO pin details on page
138.
Selected pins also support analog input signals, see ANAIN in GPIO port and the GPIO pin details on page
138. The assignment of the analog pins can be found in Pin assignments on page 461.
Important: When a pin is configured as digital input, care has been taken to minimize increased
current consumption when the input voltage is between VIL and VIH. However, it is a good practice
to ensure that the external circuitry does not drive that pin to levels between VIL and VIH for a long
period of time.
6.8.2 Registers
Base address
Peripheral
Instance
Description
Configuration
0x50000000
GPIO
P0
General purpose input and output
Table 36: Instances
Register
Offset
Description
OUT
0x504
Write GPIO port
OUTSET
0x508
Set individual bits in GPIO port
OUTCLR
0x50C
Clear individual bits in GPIO port
4430_161 v1.0
139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com